|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only AXIAL TYPE LED LAMPS Pb Lead-Free Parts LUG9253-1 DATA SHEET DOC. NO : REV. DATE QW0905-LUG9253-1 :A : 19 - Jun. - 2007 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUG9253-1 Page 1/6 Package Dimensions 9.25 8.5 1.65 1.95 0.6 TYP 7.62 + - 4.0MIN 0.25 TYP 1.20.15 + - Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice. Directivity Radiation 0 -30 30 -60 60 100% 75% 50% 25% 0 25% 50% 75% 100% LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUG9253-1 Page 2/6 Absolute Maximum Ratings at Ta=25 Ratings Parameter Symbol UG Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Electrostatic Discharge( * ) Operating Temperature Storage Temperature IF IFP PD Ir ESD Topr Tstg 30 120 100 10 2000 -40 ~ +85 -40 ~ +100 mA mA mW UNIT A V Static Electricity or power surge will the Use of anti-electrosatic * glove is recommended when handingdamageLED.LED.devices, a conductive wrist band or must be properly these All equipment and machinery grounded. Typical Electrical & Optical Characteristics (Ta=25 ) PART NO MATERIAL Emitted COLOR Dominant Spectral Forward voltage wave halfwidth length nm @ 20mA(V) Luminous intensity @20mA(mcd) Dnm Viewing angle 2 1/2 (deg) Lens 574 20 Min. Max. Min. Typ. 3.4 5.2 80 125 100 LUG9253-1 AlGaInP Green Water Clear Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUG9253-1 Page3/6 Typical Electro-Optical Characteristics Curve UG CHIP Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current 1000 3.0 Forward Current(mA) 100 10 Relative Intensity Normalize @20mA 1.0 2.0 3.0 4.0 5.0 2.5 2.0 1.5 1.0 0.5 0.0 1.0 10 100 1000 1.0 0.1 Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature 1.2 Forward Current(mA) Fig.4 Relative Intensity vs. Temperature 3.0 Forward Voltage@20mA Normalize @25 Relative Intensity@20mA Normalize @25 -40 -20 0 20 40 60 80 100 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100 1.1 1.0 0.9 0.8 Ambient Temperature() Ambient Temperature() Fig.5 Relative Intensity vs. Wavelength 1.0 Relative Intensity@20mA 0.5 0.0 500 550 600 650 Wavelength (nm) LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUG9253-1 Recommended Soldering Conditions 1. Hand Solder Basic spec is 280 3 sec one time only. Page 4/6 2. Wave Solder Soldering heat Max. 260 2455 within 5 sec 120 ~ 150 Preheat 120 ~ 180 sec 3. LEAD Reflow Solder Temp. () 240 Rising +5/sec Cooling -5/sec 150 120 Preheat 60 ~ 120 sec 5sec Time 4. PB-Free Reflow Solder 1~5C/sec 260C MaX. 10sec.Max Preheat 180~200 C 1~5 C/sec Above 220 C 60 sec.Max. 120 sec.Max. Note: 1.Wave solder and reflow soldering should not be made more than one time. 2.You can just only select one of the soldering conditions as above. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUG9253-1 Precautions For Use: Storage time: 1.The operation of Temperatures and RH are : 5 ~35,RH<60%. 2.Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with descanting agent. Considering the tape life, we suggest our customers to use our products within a year(from production date). 3.If opened more than one week in an atmosphere 5 ~ 35,RH<60%, they should be treated at 605 fo r 15hrs. Page 5/6 Drive Method: LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series with the LED. Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd current should not be allowed to change by more than 40 % of its desired value. Circuit model A LED Circuit model B LED (A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED. Cleaning: Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED. ESD(Electrostatic Discharge): Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LUG9253-1 Reliability Test: Page 6/6 Classification Test Item Test Condition 1.Ta=Under Room Temperature As Per Data Sheet Maximum Rating. 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) Reference Standard MIL-STD-750D: 1026 MIL-STD-883D: 1005 JIS C 7021: B-1 Operating Life Test High Temperature Storage Test Endurance Test Low Temperature Storage Test 1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs) MIL-STD-883D:1008 JIS C 7021: B-10 1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs) JIS C 7021: B-12 High Temperature High Humidity Storage Test 1.IR-Reflow In-Board, 2 Times 2.Ta=65 5 3.RH=90 %~95 % 4.t=1000hrs 2hrs 1.IR-Reflow In-Board,2 times 2.Ta=105 5& -40 5 (10min) (10min) 3.total 10 cycles MIL-STD-202F:103B JIS C 7021: B-11 Thermal Shock Test MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1011 Solder Resistance Test 1.T.Sol=260 5 2.Dwell Time= 10 1sec. 1.T.Sol=235 5 2.Immersion time 2 0.5sec 3.Immersion rate 25 2.5mm/sec 4.Immersion rate 25 2.5mm/sec 5.Coverage 95% of the dipped surface 1.105 ~ 25 ~ 55 ~ 25 30mins 5mins 30mins 5mins 2.10 Cyeles MIL-STD-202F: 210A MIL-STD-750D: 2031 JIS C 7021: A-1 MIL-STD-202F: 208D MIL-STD-750D: 2026 MIL-STD-883D: 2003 IEC 68 Part 2-20 JIS C 7021: A-2 MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1010 JIS C 7021: A-4 Solderability Test Environmental Test Temperature Cycling Solderability Test Ramp-up rate(183 to Peak) +3 second max Temp. maintain at 125( 25) 120 seconds max Temp. maintain above 183 60-150 seconds Peak temperature range 235 +5-0 Time within 5 of actual Peak Temperature(tp) 10-30 seconds Ramp-down rate +6 /second max MIL-STD-750D:2031.2 J-STD-020 |
Price & Availability of LUG9253-1 |